|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
cosmo Features Photo Coupler for AC Power TRIAC Output KTLP3526 Outside DimensionUnit ( mm ) 1. Compact dual-in-line Package. 2. 600V peak blocking voltage. 3. Isolation voltage between input and output 2500Vrms. Application 1. TRIAC Driver. 2. Programmable Controllers. 3. AC-Output Module. 4. Solid State Relay. SchematicTop View 15 13 11 9 2 3 4 5 6 7 2Anode 3Cathode 4,5,6,7N.C 9,13TRIAC T2 11TRIAC T1 15TRIAC Gate RATING 50 -0.7 1 5 125 600 1.0 0.7 -14.3 2 10 110 -40~125 -20~80 260 2500 UNIT mA mA/ A V V A mA/ A A Vrms Absolute Maximum Ratings( Ta=25 ) CHARACTERISTIC Forward Current Forward Current Derating ( Ta53 ) Peak Forward Current ( 100s pulse, 100pps ) Reverse Voltage Junction Temperature Off-State Output Terminal Voltage Ta=40 On-State RMS Current Ta=60 On-State Current Derating ( Ta40 ) Peak Current from Snubber Circuit ( 100 pulse, 120pps ) Peak Nonrepetitive Surge Current ( 50Hz, Peak ) Junction Temperature Storage Temperature Range Operating Temperature Range Lead Soldering Temperature ( 10s ) Isolation Voltage ( AC, 1min., R.H.60% ) Electro-optical characteristics CHARACTERISTIC SYMBOL Forward Voltage VF Reverse Current IR Capacitance CT Peak Off-State Current IDRM Peak On-State Voltage VTM Holding Current IH Critical Rate of Rise of dv/dt Off-State Voltage Critical Rate of Rise of dv/dt(c) Commutating Voltage Trigger LED Current IFT Capacitance CS ( Input to Output ) Isolation Resistance RS Isolation Voltage BVS SYMBOL IF IF/ IFP VR Tj VDRM IT(RMS) IT/ ISP ITSM Tj Tstg Topr Tsol BVS MIN. 1.0 200 5X1010 2500 - Output Input Output TEST CONDITION IF=10mA VR=5V V=0, f=1MHz VDRM=600V, Ta=110 ITM=1.5A RL=100 Vin=240Vrms Vin=240Vrms, IT=1Arms VT=6V VS=0, f=1MHz VS=500V AC, 1minute AC, 1second, in oil DC, 1minute, in oil TYP. 1.15 30 500 5 1.5 1014 5000 5000 MAX. 1.3 10 100 3.0 25 10 - UNIT V A pF A V mA V/s V/s mA pF Vrms Vdc Transfer Input |
Price & Availability of KTLP3526 |